Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD54HC4051F3A Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD54HC4051F3A
Descripción Electrónicos  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F3A Datasheet(HTML) 23 Page - Texas Instruments

Back Button CD54HC4051F3A Datasheet HTML 19Page - Texas Instruments CD54HC4051F3A Datasheet HTML 20Page - Texas Instruments CD54HC4051F3A Datasheet HTML 21Page - Texas Instruments CD54HC4051F3A Datasheet HTML 22Page - Texas Instruments CD54HC4051F3A Datasheet HTML 23Page - Texas Instruments CD54HC4051F3A Datasheet HTML 24Page - Texas Instruments CD54HC4051F3A Datasheet HTML 25Page - Texas Instruments CD54HC4051F3A Datasheet HTML 26Page - Texas Instruments CD54HC4051F3A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
E
S2S1S0
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Ch 0
Ch 1
Ch 2
Ch 3
Ch 4
Ch 5
Ch 6
Ch 7
S2
S1
S0
COM
CD74HC4051
Microcontroller
k0
k1
k3
k7
k5
k4
k2
k6
Polling Input
Channel Select
3.3V
VEE
GND
VCC
Pull-down resistors (10
NŸ)
23
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The CDx4HCx405x line of multiplexers and demultiplexers can be used for a wide variety of applications.
9.2 Typical Application
One application of the CD74HC4051 device is used in conjunction with a microcontroller to poll a keypad.
Figure 20 shows the basic schematic for such a polling system. The microcontroller uses the channel-select pins
to cycle through the different channels while reading the input to see if a user is pressing any of the keys. This is
a very robust setup that allows for simultaneous key presses with very little power consumption. It also uses very
few pins on the microcontroller. The down side of polling is that the microcontroller must frequently scan the keys
for a press.
Figure 20. CD74HC4051 Being Used to Help Read Button Presses on a Keypad
9.2.1 Design Requirements
These devices use CMOS technology and have balanced output drive. Take care to avoid bus contention
because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into
light loads, so routing and load conditions must be considered to prevent ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49