| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MF4SAM3X Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF4SAM3X Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 31 page ![]() MF4SAM3x MIFARE SAM AV3 secure access module Rev. 3.1 — 1 July 2023 Product short data sheet 1 General description The NXP MIFARE SAM AV3 secure hardware solution is the ideal add-on for reader devices offering additional security services. Supporting DES, TDEA, AES and RSA capabilities, it offers secure storage and secure communication in a variety of infrastructures. Unlike other products in the field, MIFARE SAM AV3 has proven interoperability with all of NXP's broad card and RFID product portfolio, (MIFARE, NTAG DNA, ICODE DNA, UCODE DNA and SmartMX product families), making it the most versatile and secure SAM solution on the market today. The MIFARE SAM AV3 is built on NXP’s SmartMX2 P60 secure smart card controller with CC EAL6+ certification. Its software implementation is evaluated and composite certified by the MIFARE Security Evaluation Scheme. Similar to the hardware CC evaluation, the MIFARE Scheme also evaluates against high attack potential. Hence, systems using MIFARE SAM AV3 are reassured with the state-of-the-art security measures adopted by the industry. Programmable Logic The MIFARE SAM AV3 is equipped with a new Programmable Logic functionality which allows customers to flexibly create their business logic on the SAM. This new functionality opens up many new possibilities with the creation of project-specific customization such as a new key diversification algorithm, a new secure messaging, or a new secure storage. X-mode communication When used in combination with a reader IC supporting innovative "X" features, MIFARE SAM AV3 provides a significant boost in performance to the reader along with faster communication between reader and module. The "X" feature is a new way to use the SAM in a system, with SAM connected to the microcontroller and the reader IC simultaneously. Secured communication The connection between the SAM and the reader is performed using security protocols based on either AES symmetric cryptography or PKI RSA asymmetric cryptography. The protocols comply with the state-of-art standards and thereby ensure data confidentiality and integrity. |
Número de pieza similar - MF4SAM3X |
|
Descripción similar - MF4SAM3X |