Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FN2090 Datasheet(PDF) 4 Page - Schaffner International Ltd

No. de pieza FN2090
Descripción Electrónicos  Multi-stage EMI Filter with Excellent Attenuation Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHAFFNER [Schaffner International Ltd]
Página de inicio  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2090 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN2090 Datasheet HTML 1Page - Schaffner International Ltd FN2090 Datasheet HTML 2Page - Schaffner International Ltd FN2090 Datasheet HTML 3Page - Schaffner International Ltd FN2090 Datasheet HTML 4Page - Schaffner International Ltd FN2090 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EMC/EMI Products
Schaffner Group Datasheets 2016
Dimensions
1 A
3 A
4 A
6 A
8 A
10 A
12 A
16 A
20 A
30 A
Tolerances
A
71
85
85
85
113.5 ±1
113.5 ±1
113.5 ±1
113.5 ±1
113.5 ±1
113.5 ±1
±0.5
B
46.6
54
54
54
57.5 ±1
57.5 ±1
57.5 ±1
57.5 ±1
57.5 ±1
57.5 ±1
±0.5
C
22.3
30.3
30.3
30.3
45.4 ±1
45.4 ±1
45.4 ±1
45.4 ±1
45.4 ±1
45.4 ±1
±0.5
D
50.5
64.8
64.8
64.8
94 ±1
94 ±1
94 ±1
94 ±1
94 ±1
94 ±1
±0.5
E
44.5
49.8
49.8
49.8
56
56
56
56
56
56
±0.5
F
61
75
75
75
103
103
103
103
103
103
±0.3
G
21
27
27
27
25
25
25
25
25
25
±0.2
H
10.8
12.3
12.3
12.3
12.4
12.4
12.4
12.4
12.4
12.4
±0.5
I
16.8
20.8
20.8
20.8
32.4
32.4
32.4
32.4
32.4
32.4
±0.5
J
25.25
19.9
19.9
19.9
15.5
15.5
15.5
15.5
15.5
15.5
±0.5
K
5.3
5.3
5.3
5.3
4.4
4.4
4.4
4.4
4.4
4.4
L
6.3
6.3
6.3
6.3
6
6
6
6
6
6
M
0.7
0.7
0.7
0.7
0.9
0.9
0.9
0.9
0.9
0.9
Connection style -06
N
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
Connection style -07
O
8.3
8.3
8.3
8.3
8.4
8.4
8.4
8.4
±0.5
P
14
14.9
14.9
14.9
18
18
18
18
±0.5
AWG type wire
AWG 20
AWG 20
AWG 20
AWG 18
AWG 18
AWG 18
AWG 16
AWG 16
Wire length
140
140
140
140
140
140
140
140
Connection style -08
N
M4
M4
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Please visit www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com