Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LT810 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

No. de pieza LT810
Descripción Electrónicos  Photo DMOS-FET Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LETEX [LETEX TECHNOLOGY CORP.]
Página de inicio  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT810 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LT810 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT810 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT810 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LT810
Rev.B
Letex Technology Corp.
Photo DMOS-FET Relay
Description
The LT810 is a 1-Form A solid state relay in an 6 pin DIP package that employs optically
coupled MOSFET technology to provide 3750V/5000V of input to output isolation. The
optically coupled input is controlled by a highly efficient GaAlAs infrared LED and
MOS FETs on the output side.
Features
•
Low driver power requirements (TTL/CMOS Compatible)
•
No moving parts
•
High reliability
•
Arc-Free with no snubbing circuits
•
3750/5000Vrms Input/Output isolation
Applications
•
Telecommunications (PC, Electronic notepad)
•
Measuring and Testing equipment
•
Industrial control
•
Security equipments
•
High speed inspection machine Arc-Free with no snubbing circuits
Outline Dimensions
Unit : mm inch
Tolerance: 0.2 .007
1. LED Anode
2. LED Cathode
4. Drain (MOS FET)
5. Source (MOS FET)
6. Drain (MOS FET)
1
2
6
5
R293
LT810
LETEX
1
2
6
5
4
PCB LAYOUT
(TOP VIEW)
3
4
5.08
4
3


Número de pieza similar - LT810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LT811 ETC1-LT811 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
LETEX TECHNOLOGY CORP.
LT811 LETEX-LT811 Datasheet
99Kb / 3P
Photo DMOS-FET Relay
logo
List of Unclassifed Man...
LT812 ETC1-LT812 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
LT8121E-41 ETC-LT8121E-41 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
LT813 ETC1-LT813 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
More results

Descripción similar - LT810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LETEX TECHNOLOGY CORP.
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
Photo DMOS-FET Relay
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
Photo DMOS-FET Relay
LT225 LETEX-LT225 Datasheet
210Kb / 4P
Photo DMOS-FET Relay
LT232 LETEX-LT232 Datasheet
125Kb / 4P
Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
Photo DMOS-FET Relay
LT316 LETEX-LT316 Datasheet
140Kb / 4P
Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
Photo DMOS-FET Relay
LU634 LETEX-LU634 Datasheet
143Kb / 4P
Photo DMOS-FET Relay
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com