Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BLF202 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BLF202
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF202 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF202 Datasheet HTML 1Page - NXP Semiconductors BLF202 Datasheet HTML 2Page - NXP Semiconductors BLF202 Datasheet HTML 3Page - NXP Semiconductors BLF202 Datasheet HTML 4Page - NXP Semiconductors BLF202 Datasheet HTML 5Page - NXP Semiconductors BLF202 Datasheet HTML 6Page - NXP Semiconductors BLF202 Datasheet HTML 7Page - NXP Semiconductors BLF202 Datasheet HTML 8Page - NXP Semiconductors BLF202 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Oct 20
2
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF202
FEATURES
• High power gain
• Easy power control
• Gold metallization
• Good thermal stability
• Withstands full load mismatch.
APPLICATIONS
• Communications transmitters in the HF/VHF range with
a nominal supply voltage of 12.5 V.
DESCRIPTION
Silicon N-channel enhancement mode vertical D-MOS
transistor in an 8-lead SOT409A SMD package with a
ceramic cap.
PINNING - SOT409A
PIN
DESCRIPTION
1, 8
source
2, 3
gate
4, 5
source
6, 7
drain
handbook, halfpage
MBK150
Top view
14
85
Fig.1 Simplified outline.
QUICK REFERENCE DATA
RF performance at Tmb =25 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
CW, class-B
175
12.5
2
>10
>50
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A, and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com