| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS953002 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS953002 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 36 page ![]() 13 Integrated Circuit Systems, Inc. ICS953002 0924—11/18/09 Table 1a. CPU PLL1 Turbo Rom (continued) FS4 FS3 FSL2 FSL1 FSL0 CPUFS4 CPUFS3 CPUFS2 CPUFS1 CPUFS0 CPU PCI-EX AGP PCI Spreading B0b4 B0b3 B0b2 B0b1 B0b0 B1bit4 B1bit3 B1bit2 B1bit1 B1bit0 Mhz (default) (default) (default) % 0 100 0 0 0000 N/A N/A N/A N/A Down Sp 0-0.5 % 0 100 0 0 0001 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 0010 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 0011 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 0 1 0 0 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 0101 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 0110 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 0111 N/A N/A N/A N/A Center +/- 0.25 0 100 0 0 1000 100.00 100.00 66.67 33.33 Down Sp 0-0.5 % 0 100 0 0 1001 101.00 101.00 67.33 33.67 Center +/- 0.25 0 100 0 0 1010 103.00 103.00 68.67 34.33 Center +/- 0.25 0 100 0 0 1011 105.00 105.00 70.00 35.00 Center +/- 0.25 0 100 0 0 1100 107.00 107.00 71.33 35.67 Center +/- 0.25 0 100 0 0 1101 109.00 109.00 72.67 36.33 Center +/- 0.25 0 100 0 0 1110 110.00 110.00 73.33 36.67 Center +/- 0.25 0 100 0 0 1111 111.00 111.00 74.00 37.00 Center +/- 0.25 0 100 0 1 0 0 0 0 83.33 111.11 66.67 33.33 Down Sp 0-0.5 % 0 100 0 1 0001 84.17 112.22 67.33 33.67 Center +/- 0.25 0 100 0 1 0010 85.83 114.44 68.67 34.33 Center +/- 0.25 0 100 0 1 0011 87.50 116.67 70.00 35.00 Center +/- 0.25 0 100 0 1 0100 89.17 118.89 71.33 35.67 Center +/- 0.25 0 100 0 1 0101 90.83 121.11 72.67 36.33 Center +/- 0.25 0 100 0 1 0110 91.67 122.22 73.33 36.67 Center +/- 0.25 0 100 0 1 0111 92.50 123.33 74.00 37.00 Center +/- 0.25 0 100 0 1 1000 100.00 100.00 66.67 33.33 Down Sp 0-0.5 % 0 100 0 1 1001 101.00 101.00 67.33 33.67 Center +/- 0.25 0 100 0 1 1010 103.00 103.00 68.67 34.33 Center +/- 0.25 0 100 0 1 1011 105.00 105.00 70.00 35.00 Center +/- 0.25 0 100 0 1 1100 107.00 107.00 71.33 35.67 Center +/- 0.25 0 100 0 1 1101 109.00 109.00 72.67 36.33 Center +/- 0.25 0 100 0 1 1110 110.00 110.00 73.33 36.67 Center +/- 0.25 0 100 0 1 1111 111.00 111.00 74.00 37.00 Center +/- 0.25 |