Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L152VBH7ADTR Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza STM32L152VBH7ADTR
Descripción Electrónicos  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VBH7ADTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32L152VBH7ADTR Datasheet HTML 37Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 38Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 39Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 40Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 41Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 42Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 43Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 44Page - STMicroelectronics STM32L152VBH7ADTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
DocID024330 Rev 5
41/130
STM32L151x6/8/B-A STM32L152x6/8/B-A
Pin descriptions
51
35
26 F5
M5
18
PB0
I/O
TC
PB0
TIM3_CH3/
LCD_SEG5
ADC_IN8/
COMP1_INP/
VREF_OUT
/VLCDRAIL3
36
27 G5
M6
19
PB1
I/O
FT
PB1
TIM3_CH4/
LCD_SEG6
ADC_IN9/
COMP1_INP/
VREF_OUT
37
28 G6
L6
20
PB2
I/O
FT
PB2/
BOOT1
BOOT1
VLCDRAIL1
38
-
-
M7
-
PE7
I/O
TC
PE7
-
ADC_IN22/
COMP1_INP
39
-
-
L7
-
PE8
I/O
TC
PE8
-
ADC_IN23/
COMP1_INP
40
-
-
M8
-
PE9
I/O
TC
PE9
TIM2_CH1_ETR
ADC_IN24/
COMP1_INP
41
-
-
L8
-
PE10
I/O
TC
PE10
TIM2_CH2
ADC_IN25/
COMP1_INP
42
-
-
M9
-
PE11
I/O
FT
PE11
TIM2_CH3
VLCDRAIL2
43
-
-
L9
-
PE12
I/O
FT
PE12
TIM2_CH4/
SPI1_NSS
VLCDRAIL3
44
-
-
M10
-
PE13
I/O
FT
PE13
SPI1_SCK
-
45
-
-
M11
-
PE14
I/O
FT
PE14
SPI1_MISO
-
46
-
-
M12
-
PE15
I/O
FT
PE15
SPI1_MOSI
-
47
29 G7 L10
21
PB10
I/O
FT
PB10
I2C2_SCL/USART3_TX
/TIM2_CH3/
LCD_SEG10
-
48
30 H7 L11
22
PB11
I/O
FT
PB11
I2C2_SDA/USART3_RX
/TIM2_CH4/
LCD_SEG11
-
49
31 D6 F12
23
VSS_1
S-
VSS_1
--
50
32 E6 G12 24
VDD_1
S-
VDD_1
--
Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions