| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L152VBH6ADTR Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152VBH6ADTR Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 130 page ![]() DocID024330 Rev 5 41/130 STM32L151x6/8/B-A STM32L152x6/8/B-A Pin descriptions 51 35 26 F5 M5 18 PB0 I/O TC PB0 TIM3_CH3/ LCD_SEG5 ADC_IN8/ COMP1_INP/ VREF_OUT /VLCDRAIL3 36 27 G5 M6 19 PB1 I/O FT PB1 TIM3_CH4/ LCD_SEG6 ADC_IN9/ COMP1_INP/ VREF_OUT 37 28 G6 L6 20 PB2 I/O FT PB2/ BOOT1 BOOT1 VLCDRAIL1 38 - - M7 - PE7 I/O TC PE7 - ADC_IN22/ COMP1_INP 39 - - L7 - PE8 I/O TC PE8 - ADC_IN23/ COMP1_INP 40 - - M8 - PE9 I/O TC PE9 TIM2_CH1_ETR ADC_IN24/ COMP1_INP 41 - - L8 - PE10 I/O TC PE10 TIM2_CH2 ADC_IN25/ COMP1_INP 42 - - M9 - PE11 I/O FT PE11 TIM2_CH3 VLCDRAIL2 43 - - L9 - PE12 I/O FT PE12 TIM2_CH4/ SPI1_NSS VLCDRAIL3 44 - - M10 - PE13 I/O FT PE13 SPI1_SCK - 45 - - M11 - PE14 I/O FT PE14 SPI1_MISO - 46 - - M12 - PE15 I/O FT PE15 SPI1_MOSI - 47 29 G7 L10 21 PB10 I/O FT PB10 I2C2_SCL/USART3_TX /TIM2_CH3/ LCD_SEG10 - 48 30 H7 L11 22 PB11 I/O FT PB11 I2C2_SDA/USART3_RX /TIM2_CH4/ LCD_SEG11 - 49 31 D6 F12 23 VSS_1 S- VSS_1 -- 50 32 E6 G12 24 VDD_1 S- VDD_1 -- Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued) Pins Pin name Main function(2) (after reset) Pins functions Alternate functions Additional functions |