| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC337 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC337 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BC337-25 BC337-40 SMALL SIGNAL NPN TRANSISTORS PRELIMINARY DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY s THE PNP COMPLEMENTARY TYPES ARE BC327-25 AND BC327-40 RESPECTIVELY APPLICATIONS s WELL SUITABLE FOR TV AND HOME APPLIANCE EQUIPMENT s SMALL LOAD SWITCH TRANSISTORS WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM June 2002 Type Marking BC337-25 BC337-25 BC337-40 BC337-40 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 50 V VCEO Collector-Emitter Voltage (IB = 0) 45 V VEBO Emitter-Base Voltage (IC = 0) 5 V IC Collector Current 0.5 A ICM Collector Peak Current 1 A Ptot Total Dissipation at TC = 25 oC 625 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC TO-92 1/4 |
Número de pieza similar - BC337 |
|
Descripción similar - BC337 |