| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KHS400JB-AX-R1AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
KHS400JB-AX-R1AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() 1 KHS Series Datasheet Power Wirewound Resistor | Axial | Fiber glass core | ceramic case Type KHS400 KHS500 KHS700 KHS800 KHS10A KHS11A KHS17A Historical Part Number KH206-8 KH208-8 KH210-8 KH212-8 KH214-8 KH216-8 KH218-8 Nominal Power Rating P70 [W] 4 5 7 8 10 11 17 Resistance Range Min. [Ω] Max. Please check the table below 12K 15K 33K 15K 33K 47K 82K (Other values upon request) E-Series (preferred) E24 = 5% ; E12 = 10% (Other upon request) Tolerances ±[%] J = 5% ; K = 10% Temperature Coefficient ±[10-6*K-1] Depends on the value, please check the table below Working Temperature Range [ºC] -55 … +350 Thermal Resistance [KW-1] 70 56 40 35 28 25 16 Insulation Resistance IEC60115-1 clause 4.6 [MΩ] > 104 Max. Working Voltage [V]RMS Dielectric Withstanding Voltage IEC60115-1 clause 4.7 (1[min]) [V]RMS 2000 Type Historical P/N: L1 KHS400 KH206 - 8 20 ±1,0 KHS500 KH208 - 8 25 ±1,0 KHS700 KH210 - 8 38 ±1,0 KHS800 KH212 - 8 25 ±1,0 KHS10A KH214 - 8 38 ±1,0 KHS11A KH216 - 8 50 ±1,5 KHS17A KH218 - 8 75 ±2,0 New SAP Part Nr.: KHS 500 K B - AX- 150R AA Serie Power rating Tol. Pack-Code TCR Forming type R Value Special J = ±5% K = ±10% B = Bulk R = Tape Reel - Base on spec. AX- = Axial 83- Inner Taping dimension AA = Standard Historical VTM Part Nr.: KH208 – 8 5 B 150R Type Tol. Pack-Code R Value J = ±5% K = ±10% B = Bulk R = Tape Reel Pulse version available preforming ; Other preforming available RoHs Compliant KHS400...KHS700 KHS800…KHS17A Industrial Power & Energy |
Número de pieza similar - KHS400JB-AX-R1AA |
|
Descripción similar - KHS400JB-AX-R1AA |