| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WIZ550IO Datasheet(PDF) 1 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
WIZ550IO Datasheet(HTML) 1 Page - WIZnet Co., Ltd |
|
1 / 8 page ![]() 2014/03/11 19:52 1/8 WIZ550io - http://wizwiki.net/wiki/ WIZ550io WIZ550io Overview WIZ550io is an auto configurable Ethernet controller that includes a W5500 (TCP/IP hardwired chip and PHY embedded), a transformer and RJ45. It has a unique real MAC address and configures the network setting automatically. When powered on, WIZ550io initializes itself … with embedded real MAC and sets the default IP address (192.168.1.2) and it can be pinged. Therefore, users are not required to write MAC and network information like IP address, Subnet mask and Gateway address. The WIZ550io is an ideal product for users who want to develop their Internet enabling systems rapidly. For more information on the W5500 chip inside the WIZ550io module please also refer to the chip's datasheet: Datasheet W5500 Datasheet v1.0.2 - English q W5500 Datasheet v1.0.2 - Korean q Datasheet History Version Date Description 1.0.0 2013-08-01 Initial Release |
Número de pieza similar - WIZ550IO |
|
Descripción similar - WIZ550IO |