Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H742VG Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STM32H742VG
Descripción Electrónicos  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 12Page - STMicroelectronics STM32H742VG Datasheet HTML 13Page - STMicroelectronics STM32H742VG Datasheet HTML 14Page - STMicroelectronics STM32H742VG Datasheet HTML 15Page - STMicroelectronics STM32H742VG Datasheet HTML 16Page - STMicroelectronics STM32H742VG Datasheet HTML 17Page - STMicroelectronics STM32H742VG Datasheet HTML 18Page - STMicroelectronics STM32H742VG Datasheet HTML 19Page - STMicroelectronics STM32H742VG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 357 page
background image
Introduction
STM32H742xI/G STM32H743xI/G
16/357
DS12110 Rev 10
1
Introduction
This document provides information on STM32H742xI/G STM32H743xI/G microcontrollers,
such as description, functional overview, pin assignment and definition, electrical
characteristics, packaging, and ordering information.
This document should be read in conjunction with the STM32H742xI/G STM32H743xI/G
reference manual (RM0433), available from the STMicroelectronics website www.st.com.
For information on the device errata with respect to the datasheet and reference manual,
refer to the STM32H742xI/G STM32H743xI/G errata sheet (ES0392), available on the
STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M7 core, please refer to the Cortex®-M7 Technical
Reference Manual, available from the http://www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.