Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP16CPS05MTR Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza STP16CPS05MTR
Descripción Electrónicos  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05MTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STP16CPS05MTR Datasheet HTML 18Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 19Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 20Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 21Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 22Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 23Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 24Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 25Page - STMicroelectronics STP16CPS05MTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STP16CPS05
Package mechanical data
23/26
Table 15.
Tape & Reel SO-24
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11.0
0.425
0.433
Bo
15.7
15.9
0.618
0.626
Ko
2.9
3.1
0.114
0.122
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Figure 25. Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26