| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
T48C862M-R3-TNQ Datasheet(PDF) 79 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862M-R3-TNQ Datasheet(HTML) 79 Page - ATMEL Corporation |
|
79 / 107 page ![]() 79 T48C862-R3 4554A–4BMCU–02/03 Combination Mode 1: Burst Modulation SSI mode 1: 8-bit NRZ and internal data SO output to the Timer 2 modulator stage Timer 2 mode 1, 2, 3 or 4: 8-bit compare counter with 4-bit programmable prescaler and DCG Timer 2 output mode 3: Duty cycle burst generator Figure 74. Carrier Frequency Burst Modulation with the SSI Internal Data Output Combination Mode 2: Biphase Modulation 1 SSI mode 1: 8-bit shift register internal data output (SO) to the Timer 2 modulator stage Timer 2 mode 1, 2, 3 or 4: 8-bit compare counter with 4-bit programmable prescaler Timer 2 output mode 4: The modulator 2 of Timer 2 modulates the SSI internal data output to Biphase code Figure 75. Biphase Modulation 1 1 20 120 120 12 012 0 1 2 0 1 2 01 2 012 01 20 120 12 0 120 1 DCGO Counter 2 TOG2 SO T2O Counter = compare register (=2) Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 8 Bit 9 Bit 10 Bit 11 Bit 12 Bit 13 TOG2 SC SO T2O 00 0 0 0 0 11 01 0 1 1 111 8-bit SR-data Bit 7 Bit 0 Data: 00110101 |