| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2MRAM-002-00MT7AB Datasheet(PDF) 2 Page - Amphenol Aerospace Operations |
|
|
|||||||||||||||||||||||||||||
2MRAM-002-00MT7AB Datasheet(HTML) 2 Page - Amphenol Aerospace Operations |
|
2 / 2 page ![]() 2M Ram-Lock Push-Pull Crimp Connectors Ordering Guide for 2MRAM-001, 002, 003, 004 *For single master key omit (leave blank) *add "-501" as a suffix to the Jam Nut Part number to include a Hex Nut instead of a Spanner Nut. B° A° Receptacle View A° B° Plug View 1. 2. 3. 4. 5. 6. 7. SERIES SHELL STYLE SERVICE CLASS SHELL SIZE-INSERT ARANGEMENT CONTACTS KEYING SUFFIX 2MRAM-00X -06 ZNU 6-7 P A 2. SHELL STYLE Part # Desciption RECEPTACLE -06 Receptacle RECEPTACLE -00 Jam Nut* for Front Panel -01 In-Line -07 Jam Nut* for Rear Panel PCB/SOLDER PLUGS -00 Jam Nut* for Front Panel Mounting -07 Jam Nut* Rear Panel Mounting PCB/SOLDER RECEPTACLES -00 Jam Nut for Front Panel mounting -07 Jam Nut for Rear Panel Mounting -02 Flange Mount, Rear Panel 3. SERVICE CLASS Material Part # Description RoHS C Anodized (Non-conductive) R o HS Am phenol U / 2002 / 95 / E M Electroless Nickel R o HS Am phenol U / 2002 / 95 / E NF Olive Drab Cadmium MT Durmalon (Ni PTFE) R o HS Am phenol U / 2002 / 95 / E ZN Olive Drab Zinc Nickel R o HS Am phenol U / 2002 / 95 / E ZNU Black Zinc Nickel R o HS Am phenol U / 2002 / 95 / E BEN Black Electroless Nickel R o HS Am phenol U / 2002 / 95 / E Z1 Passivated R o HS Am phenol U / 2002 / 95 / E ZL Electrolytic Nickel R o HS Am phenol U / 2002 / 95 / E 1. SERIES Type Part # Description RECEPTACLE 2MRAM- 001 Receptacle with Integral Backshell 2MRAM- 002 Receptacle with Accessory Threads PLUG 2MRAM- 003 Plug with Banding Platform 2MRAM- 004 Plug with Accessory Threads PCB/SOLDER PLUGS 2MRAM- 005 Plug w/ Epoxy Potting 2MRAM- 020 Plug for Open Face Immersion 2MRAM- 025 Plug with Standoff Flange for Mechanical PCB Strain Relief PCB/SOLDER RECEPTACLES 2MRAM- 009 Receptacles with Solder Cup or PCB termination with Standard Epoxy Potting 2MRAM- 021 Receptacles with Solder Cup or PCB Termination with Special Sealing for Open Face (unmated) Water Immersion Requirements. 100% Leak Tested. To maintain a helium leak rate of 1x10-4 cc/sec. pressure differential from -65°C to 175°C. 5. CONTACTS Style Part # Description P Pin S Socket A Pin-Less Contacts B Socket-Less Contacts PCB/SOLDER P Pin-PCB S Socket-PCB E Pin-Solder Cup F Socket-Solder Cup 6. KEYING* Part # A° B° A 150° 210° B 75° 210° C 95° 230° D 140° 275° 4. SHELL SIZE-INSERT ARRANGEMENT See Table on pages 7-20 EC D Micro38999 2 Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com |