Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CP60H Datasheet(PDF) 14 Page - CUI Devices

No. de pieza CP60H
Descripción Electrónicos  PELTIER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUID [CUI Devices]
Página de inicio  https://www.cuidevices.com/
Logo CUID - CUI Devices

CP60H Datasheet(HTML) 14 Page - CUI Devices

Back Button CP60H Datasheet HTML 10Page - CUI Devices CP60H Datasheet HTML 11Page - CUI Devices CP60H Datasheet HTML 12Page - CUI Devices CP60H Datasheet HTML 13Page - CUI Devices CP60H Datasheet HTML 14Page - CUI Devices CP60H Datasheet HTML 15Page - CUI Devices CP60H Datasheet HTML 16Page - CUI Devices CP60H Datasheet HTML 17Page - CUI Devices CP60H Datasheet HTML 18Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CUI DEVICES | SERIES: CP60H | DESCRIPTION: PELTIER MODULE
date 08/05/2022 | page 14 of 22
cuidevices.com
8.0
6.0
4.0
2.0
0
40
30
20
10
0
70
60
50
40
30
20
10
0
ΔT=Th-Tc (°C)
1.2 A
2.4 A
3.6 A
6 A
4.8 A
1.2 A
2.4 A
3.6 A
4.8 A
6 A
CP604020395H PERFORMANCE (Th=27°C)
8.0
6.0
4.0
2.0
0
30
20
10
0
70
60
50
40
30
20
10
0
ΔT=Th-Tc (°C)
40
1.2 A
2.4 A
6 A
1.2 A
2.4 A
3.6 A
4.8 A
6 A
4.8 A
3.6 A
CP604020395H PERFORMANCE (Th=50°C)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com