Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT960 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

No. de pieza BAT960
Descripción Electrónicos  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT960 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAT960 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT960 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003 May 01
4
NXP Semiconductors
Product data sheet
Schottky barrier diode
BAT960
GRAPHICAL DATA
handbook, halfpage
0.6
0.2
0
0.4
VF (V)
IF
(mA)
103
102
10
1
10−1
MHC311
(1)
(2)
(3)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
25
0
510
15
IR
(
μA)
20
VR (V)
105
104
103
102
10
1
MHC312
(1)
(2)
(3)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
05
Cd
(pF)
10
20
80
60
20
0
40
15
VR (V)
MHC313
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb = 25 °C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com