| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
138AML Datasheet(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
138AML Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 12 page ![]() Document Number: 28332 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com Revision: 25-Oct-06 103 138 AML Aluminum Capacitors Axial Miniature, Long-Life Vishay BCcomponents SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm) CR (µF) UR (V) 6.3 10 1625405063 100 1.0 ----- -- 6.3x12.7 2.2 ----- -- 6.3 x 12.7 4.7 ----- - 6.3 x 12.7 7.7 x 12.7 10 - - - 6.3 x 12.7 - 6.3 x 12.7 7.7 x 12.7 6.5 x 18 22 - - 6.3 x 12.7 6.3 x 12.7 - 7.7 x 12.7 6.5 x 18 8x18 33 --- 6.3 x 12.7 7.7 x 12.7 - - - 47 -- 6.3 x 12.7 7.7 x 12.7 6.5 x 18 - 8 x 18 10 x 25 68 ----- -- 10 x 30 100 6.3 x 12.7 - 7.7 x 12.7 6.5 x 18 8 x 18 10 x 18 10x25 12.5 x 30 150 - 7.7 x 12.7 - - - - 10 x 30 15 x 30 220 7.7 x 12.7 6.5 x 18 8 x 18 10 x 18 10 x 25 - 12.5 x 30 15 x 30 330 ---- 10 x 30- 12.5 x 30 18 x 30 470 6.5 x 18 8 x 18 10 x 18 10 x 25 12.5 x 30 - 15 x 30 18 x 38 680 - - - 10 x 30 12.5 x 30 - 18 x 30 21 x 38 1000 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 - 18 x 38 - 1500 - 10 x 30 12.5 x 30 15 x 30 18 x 30 - 21 x 38 - 2200 10 x 25 12.5 x 30 15 x 30 18 x 30 18 x 38 --- 3300 - 15 x 30 18 x 30 18 x 38 21 x 38 - - - 4700 - 18 x 30 18 x 30 18 x 38 - --- 6800 - 18 x 38 18 x 38 21 x 38 - - - - 10 000 - 18 x 38 21 x 38 -- --- 15 000 - 21 x 38--- --- DIMENSIONS in millimeters AND AVAILABLE FORMS L 63.5 ± 1.5 D d O O + F Form BR: Taped on reel Form BA: Taped in box (ammopack) Case ∅ D x L= 6.3x12.7 and7.7 x12.7mm Fig.2 Forms BA and BR Fig.3 Forms BA and BR 73 ± 1.6 L D d O O F + Form BR: Taped on reel, case ∅ D x L = 6.5 x 18 to 15 x 30 mm Form BA: Taped in box (ammopack), case ∅ DxL= 6.5x18 to 10 x25mm ∅ D 33 ± 1 L l ∅ d F Form AA: Axial in box Case ∅ D x L=10 x30to21 x 38 mm Fig.4 Form AA |