Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICS601-25 Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza ICS601-25
Descripción Electrónicos  LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-25 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS601-25 Datasheet HTML 1Page - Renesas Technology Corp ICS601-25 Datasheet HTML 2Page - Renesas Technology Corp ICS601-25 Datasheet HTML 3Page - Renesas Technology Corp ICS601-25 Datasheet HTML 4Page - Renesas Technology Corp ICS601-25 Datasheet HTML 5Page - Renesas Technology Corp ICS601-25 Datasheet HTML 6Page - Renesas Technology Corp ICS601-25 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS601-25
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
5
ICS601-25
REV E 051310
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (IDT) assumes no responsibility for
either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are
implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range,
high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to
change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical
instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
601R-25LF
601R-25LF
Tubes
20-pin SSOP
0 to +70
° C
601R-25LFT
601R-25LF
Tape and Reel
20-pin SSOP
0 to +70
° C
601R-25ILF
601R-25ILF
Tubes
20-pin SSOP
-40 to 85
° C
601R-25ILFT
601R-25ILF
Tape and Reel
20-pin SSOP
-40 to 85
° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
0.0098
A2
--
1.50
--
.059
b
0.20
0.30
0.008
0.012
C
0.18
0.25
.007
.010
D
8.55
8.75
.337
.344
E
5.80
6.20
.228
.244
E1
3.80
4.00
.1497
.1574
e
0.635 Basic
0.025 Basic
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com