Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMR1341D Datasheet(PDF) 6 Page - MultiDimension Technology Co.,Ltd.

No. de pieza AMR1341D
Descripción Electrónicos  High-Sensitivity Pneumatic Cylinder Switch Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Página de inicio  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR1341D Datasheet(HTML) 6 Page - MultiDimension Technology Co.,Ltd.

Back Button AMR1341D Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 9Page - MultiDimension Technology Co.,Ltd. AMR1341D Datasheet HTML 10Page - MultiDimension Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
06
7. Typical Supply Voltage Characteristics
AMR134x Supply Voltage Characteristics
1.5
0
20
40
60
80
2.5
3.5
4.5
Supply Voltage (V)
Figure 5. Supply current versus supply voltage (TA=25°C)
AMR1341D Supply Voltage Characteristics
AMR1341G Supply Voltage Characteristics
1.5
-80
-40
40
80
0
2.5
3.5
4.5
BOPS
BRPS
BRPN
BOPN
Supply Voltage (V)
1.5
-80
-40
40
80
0
2.5
3.5
4.5
BOPS
BRPS
BRPN
BOPN
Supply Voltage (V)
Figure 6. Switch points versus supply voltage (TA=25°C)
Figure 7. Switch points versus supply voltage (TA=25°C)
AMR1342D Supply Voltage Characteristics
AMR1342G Supply Voltage Characteristics
1.5
-80
-40
40
0
2.5
3.5
4.5
BOPS
BRPS
BRPN
BOPN
Supply Voltage (V)
1.5
-80
-40
40
0
2.5
3.5
4.5
BOPS
BRPS
BRPN
BOPN
Supply Voltage (V)
Figure 8. Switch points versus supply voltage (TA=25°C)
Figure 9. Switch points versus supply voltage (TA=25°C)
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR134x
High-Sensitivity Pneumatic Cylinder Switch Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com