| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VCK190 Datasheet(PDF) 1 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
VCK190 Datasheet(HTML) 1 Page - Advanced Micro Devices |
|
1 / 2 page ![]() PRODUCT BRIEF Versal™ AI Core Series VCK190 Evaluation Kit READY TO CONNECT? VISIT xilinx.com/vck190 OVERVIEW Versal™AI Core series VCK190 evaluation kit, equipped with the best AI performance-in-portfolio VC1902 device, is built for designs requiring high throughput AI inference and signal processing compute performance. Delivering 100X greater compute power than today’s server-class CPUs, with various connectivity options and standardized development flows, the VCK190 is an ideal evaluation and prototyping platform for cloud, network, and edge applications. HIGHLIGHTS Evaluate Versal AI Core Series Capabilities > Equipped with Versal VC1902 production silicon > AI and DSP Engines providing 100X greater compute over today’s server-class CPUs > Pre-built partner reference designs for rapid prototyping Breadth of Connectivity Options for Rapid Development > PCIe® Gen4 interface for high compute performance markets > HDMI for video processing applications > SFP28/QSFP28/RJ-45 for networking applications > DDR4 and LPDDR4 memory interfaces > FMC expansion connectors supporting a variety of optional plug-in cards Co-Optimized Tools and Debug Method > Fully supported by Vivado™ ML editions, Vitis™ unified software platform, and Vitis AI TARGET APPLICATIONS > Data Center Compute > 5G Radio & Beamforming (DFE) > Cable-Access (Head-End) > Wireless Test Equipment > Automotive/ADAS prototyping > A&D Radar, Early Warning |
Número de pieza similar - VCK190 |
|
Descripción similar - VCK190 |