Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JZ48F3L0QTY Datasheet(PDF) 13 Page - Intel Corporation

No. de pieza JZ48F3L0QTY
Descripción Electrónicos  StrataFlash Wireless Memory
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

JZ48F3L0QTY Datasheet(HTML) 13 Page - Intel Corporation

Back Button JZ48F3L0QTY Datasheet HTML 9Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 10Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 11Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 12Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 13Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 14Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 15Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 16Page - Intel Corporation JZ48F3L0QTY Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
Intel StrataFlash® Wireless Memory (L18)
Datasheet
Intel StrataFlash® Wireless Memory (L18)
April 2005
Order Number: 251902, Revision: 009
13
Figure 2.
256-Mbit, 79-Ball VF BGA Package Drawing and Dimensions
Dimensions Table
Side View
Top View - Ball Side Down
Bottom View - Ball Side Up
A2
A
Seating
Plane
Y
A1
S2
A1 Index
Mark
E
b
A1 Index
Mark
S1
e
D
A
B
C
D
E
F
G
4
5
6
73 2 1
8
9
10
11
12
13
A
B
C
D
E
F
G
45 6 7
3
2
18 9 10 11 12 13
Drawing not to scale
Millimeters
Inches
Dimensions
Symbol
Min
Nom
Max
Notes
Min
Nom
Max
Package Height
A
1.000
0.0394
Ball Height
A1
0.150
0.0059
Package Body Thickness
A2
0.665
0.0262
Ball (Lead) Width
b
0.325
0.375
0.425
0.0128
0.0148
0.0167
Package Body Length
(256Mb)
D
10.900
11.000
11.100
0.4291
0.4331
0.4370
Package Body Width
(256Mb)
E
8.900
9.000
9.100
0.3504
0.3543
0.3583
Pitch
e
0.750
0.0295
Ball (Lead) Count
N
79
79
Seating Plane Coplanarity
Y
0.100
0.0039
Corner to Ball A1 Distance Along D
S1
0.900
1.000
1.100
0.0354
0.0394
0.0433
Corner to Ball A1 Distance Along E
S2
2.150
2.250
2.350
0.0846
0.0886
0.0925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com