Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

360HS710SCAS4WPEC Datasheet(PDF) 2 Page - AIC tech Inc.

No. de pieza 360HS710SCAS4WPEC
Descripción Electrónicos  medical laser, portable X-ray generator, and photo flash
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AICTECH [AIC tech Inc.]
Página de inicio  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

360HS710SCAS4WPEC Datasheet(HTML) 2 Page - AIC tech Inc.

  360HS710SCAS4WPEC Datasheet HTML 1Page - AIC tech Inc. 360HS710SCAS4WPEC Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HS Series
Standard Products Table
Rated
Voltage
(WV. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Product name
330
490
30
×30
0.15
330HS490SCZS3WPEC
610
30
×35
0.15
330HS610SCZS4WPEC
660
35
×30
0.15
330HS660SCAS3WPEC
730
30
×40
0.15
330HS730SCZS5WPEC
820
35
×35
0.15
330HS820SCAS4WPEC
850
30
×45
0.15
330HS850SCZS6WPEC
960
30
×50
0.15
330HS960SCZS7WPEC
990
35
×40
0.15
330HS990SCAS5WPEC
1,000
30
×55
0.15
330HS1000SCZS8WPEC
1,100
30
×60
0.15
330HS1100SCZS9WPEC
35
×45
0.15
330HS1100SCAS6WPEC
1,300
35
×50
0.15
330HS1300SCAS7WPEC
1,400
35
×55
0.15
330HS1400SCAS8WPEC
1,500
35
×60
0.15
330HS1500SCAS9WPEC
2,300
35
×100
0.15
330HS2300SSAS17WPEC
40
×76
0.15
330HS2300SSBS12WPEC
3,100
40
×101
0.15
330HS3100SSBS17WPEC
360
420
30
×30
0.15
360HS420SCZS3WPEC
530
30
×35
0.15
360HS530SCZS4WPEC
570
35
×30
0.15
360HS570SCAS3WPEC
630
30
×40
0.15
360HS630SCZS5WPEC
710
35
×35
0.15
360HS710SCAS4WPEC
730
30
×45
0.15
360HS730SCZS6WPEC
830
30
×50
0.15
360HS830SCZS7WPEC
850
35
×40
0.15
360HS850SCAS5WPEC
910
30
×55
0.15
360HS910SCZS8WPEC
960
30
×60
0.15
360HS960SCZS9WPEC
1,000
35
×45
0.15
360HS1000SCAS6WPEC
1,100
35
×50
0.15
360HS1100SCAS7WPEC
1,200
35
×55
0.15
360HS1200SCAS8WPEC
1,300
35
×60
0.15
360HS1300SCAS9WPEC
2,000
35
×100
0.15
360HS2000SSAS17WPEC
40
×76
0.15
360HS2000SSBS12WPEC
2,700
40
×101
0.15
360HS2700SSBS17WPEC
Rated
Voltage
(WV. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Product name
400
340
30
×30
0.15
400HS340SCZS3WPEC
430
30
×35
0.15
400HS430SCZS4WPEC
460
35
×30
0.15
400HS460SCAS3WPEC
510
30
×40
0.15
400HS510SCZS5WPEC
580
35
×35
0.15
400HS580SCAS4WPEC
590
30
×45
0.15
400HS590SCZS6WPEC
680
30
×50
0.15
400HS680SCZS7WPEC
690
35
×40
0.15
400HS690SCAS5WPEC
740
30
×55
0.15
400HS740SCZS8WPEC
780
30
×60
0.15
400HS780SCZS9WPEC
810
35
×45
0.15
400HS810SCAS6WPEC
920
35
×50
0.15
400HS920SCAS7WPEC
1,000
35
×55
0.15
400HS1000SCAS8WPEC
1,100
35
×60
0.15
400HS1100SCAS9WPEC
1,600
35
×100
0.15
400HS1600SSAS17WPEC
40
×76
0.15
400HS1600SSBS12WPEC
2,200
40
×101
0.15
400HS2200SSBS17WPEC
450
300
30
×30
0.15
450HS300SCZS3WPEC
370
30
×35
0.15
450HS370SCZS4WPEC
400
35
×30
0.15
450HS400SCAS3WPEC
450
30
×40
0.15
450HS450SCZS5WPEC
510
35
×35
0.15
450HS510SCAS4WPEC
520
30
×45
0.15
450HS520SCZS6WPEC
590
30
×50
0.15
450HS590SCZS7WPEC
610
35
×40
0.15
450HS610SCAS5WPEC
650
30
×55
0.15
450HS650SCZS8WPEC
680
30
×60
0.15
450HS680SCZS9WPEC
710
35
×45
0.15
450HS710SCAS6WPEC
810
35
×50
0.15
450HS810SCAS7WPEC
900
35
×55
0.15
450HS900SCAS8WPEC
970
35
×60
0.15
450HS970SCAS9WPEC
1,400
35
×100
0.15
450HS1400SSAS17WPEC
40
×76
0.15
450HS1400SSBS12WPEC
1,900
40
×101
0.15
450HS1900SSBS17WPEC



Html Pages

1 2