Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRF5506 Datasheet(PDF) 1 Page - Guerrilla RF, Inc.

No. de pieza GRF5506
Descripción Electrónicos  HIGH LINEARITY POWER AMPLIFIER 0.66 to 0.72 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GUERRILLA [Guerrilla RF, Inc.]
Página de inicio  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5506 Datasheet(HTML) 1 Page - Guerrilla RF, Inc.

  GRF5506 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF5506 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Guerrilla RF Proprietary Information. • ©2022 Guerrilla RF, Inc. • All rights reserved. • March 1, 2022
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 1196 Pleasant Ridge Road, Suite 5, Greensboro, NC 27409
1
RELEASE 0/ DATA SHEET
Data Sheet
GRF5506
HIGH LINEARITY POWER AMPLIFIER
0.66 to 0.72 GHz
FEATURES
Excellent OP1dB, OIP3, ACLR and IM3 Performance
Native Linearity Provides up to +25 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
+24.5 dBm Linear Output Power Maintained at 85 °C
Flexible Biasing Provides Latitude for Linearity
Optimization
190 mA Native Mode Quiescent Current Consumption
5 V Supply Voltage
50 Ω Single-ended Input and Output Impedances
Digital Shutdown
Rugged Design is Extremely Resilient to Mismatched
Loads
-40 to 85 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference: 5 V / 690 MHz / 190 mA ICCQ
Gain: 28.4 dB
OIP3: 46.8 dBm @ 23 dBm POUT/tone
OP1dB: 33.3 dBm
Noise Figure: 4.5 dB
APPLICATIONS
Cellular Boosters/Repeaters
Automotive Compensators
Picocells/Femtocells
Cellular DAS
Customer Premise Equipment
Wireless Infrastructure
DESCRIPTION
The GRF5506 is a high gain, two-stage InGaP HBT power
amplifier designed to deliver excellent P1dB, ACLR and
IM3 performance over the 660 to 720 MHz band. Its
exceptional native linearity makes it an ideal choice for
transmitter applications that typically do not employ
digital predistortion correction schemes.
This device is part of a complete family of externally
matched linear amplifiers that cover the following
frequency ranges:
GRF5506: 0.66 - 0.72 GHz
GRF5518: 1.8 - 1.91 GHz
GRF5507: 0.7 - 0.8 GHz
GRF5519: 1.92 - 2.0 GHz
GRF5508: 0.8 - 0.9 GHz
GRF5521: 2.11 - 2.17 GHz
GRF5510: 0.88 - 0.96 GHz
GRF5526: 2.5 - 2.7 GHz
GRF5517: 1.7 - 1.8 GHz
GRF5536: 3.3 – 4.2 GHz
Please consult with the GRF applications engineering
team for custom tuning/evaluation board data.
BLOCK DIAGRAM
VSHDN
GND/NC
RF_IN
RF_IN
BIAS
GND/NC
RF_OUT/VCC2
RF_OUT/VCC2
Bias Control
1
2
3
4
9
10
11
12


Número de pieza similar - GRF5506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guerrilla RF, Inc.
GRF5504 GUERRILLA-GRF5504 Datasheet
964Kb / 16P
High Efficiency, 3.5 Watt PA Tuning Range: 0.4 to 0.5 GHz
02/16/21
GRF5507 GUERRILLA-GRF5507 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5508 GUERRILLA-GRF5508 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5509 GUERRILLA-GRF5509 Datasheet
3Mb / 22P
HIGH EFFICIENCY, 4-WATT PA 0.7 to 1 GHz
September 29, 2022
More results

Descripción similar - GRF5506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5536W GUERRILLA-GRF5536W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com