Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT610030NK Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

No. de pieza PHPT610030NK
Descripción Electrónicos  NPN/NPN high power double bipolar transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHPT610030NK Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PHPT610030NK Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHPT610030NK Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
PHPT610030NK
NPN/NPN high power double bipolar transistor
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
100
V
VCEO
collector-emitter voltage open base
-
100
V
VEBO
emitter-base voltage
open collector
-
7
V
IC
collector current
-
3
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
8
A
IB
base current
-
0.5
A
[1]
-
1
W
[2]
-
2.4
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[3]
-
25
W
Per device
[1]
-
1.25
W
[4]
-
5
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
3
W
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
-55
175
°C
Tstg
storage temperature
-65
175
°C
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[3] Power dissipation from junction to mounting base.
[4] Device mounted on a ceramic PCB, Al2O3, standard footprint.
Tamb (°C)
-75
225
150
0
75
aaa-014341
2
1
3
4
Ptot
(W)
0
(1)
(2)
(1) FR4 PCB, mounting pad for collector 6 cm2
(2) FR4 PCB, standard footprint
Fig. 1. Per transistor: power derating curves
PHPT610030NK
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
10 September 2020
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com