Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5350ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

No. de pieza ADL5350ACPZ-R2
Descripción Electrónicos  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5350ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5350ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Preliminary Technical Data
ADL5350
PrC | Page 19 of 24
2.
Tune the LO port input network for optimum return loss.
Typically, a bandpass network is used to pass the LO signal to
the LOIN pin. It is desirable to block high frequency harmonics
of the LO from the mixer core. LO harmonics cause higher RF
frequency images to be down converted to the desired IF
frequency, and result in a sensitivity degradation. If the
intended LO source has poor harmonic distortion and spectral
purity, it may be necessary to employ a higher order bandpass
filter network. Figure 58 illustrates a simple L-C bandpass filter
used to pass the fundamental frequency of the LO source.
Capacitor C3 is a simple DC block, while the series-inductor
(L3), along with the gate-to-source capacitance of the buffer
amplifier, form a low-pass network. The native gate input of the
LO buffer (FET) presents a rather high input impedance alone.
The gate bias is generated internally using feedback that can
result in a positive return loss at the intended LO frequency. If a
better than −10 dB return loss is desired, it may be necessary to
add shunt resistor to ground before the coupling capacitor (C3)
to present a lower loading impedance to the LO source .
3.
Design the RF and IF filter networks.
Figure 58 depicts simple LC tank filter networks for the IF and
RF port interfaces. The RF port LC network is designed to pass
the RF input signal. The series LC tank has a resonant
frequency at 1/(2π√LC). At resonance, the series reactances
cancel, which presents a series short to the RF signal. A parallel
LC tank is used on the IF port to reject the RF and LO signals.
At resonance, the parallel LC tank presents an open circuit.
It is necessary to accommodate for the board parasitics, finite Q,
and self-resonant frequencies of the LC components when
designing the RF, IF, and LO filter networks. Table 9 provides
suggested values for initial prototyping.
Table 9. Suggested RF, IF, and LO Filter Networks for Low-Side LO Injection
RF Frequency
L11
C1
L2
C2
L3
C3
450 MHz
8.3 nH
10 pF
10 nH
10 pF
10 nH
100 pF
850 MHz
6.8 nH
4.7 pF
4.7 nH
5.6 pF
8.2 nH
100 pF
1950 MHz
1.7 nH
1.5 pF
1.7 nH
1.2 pF
3.5 nH
100 pF
2400 MHz
0.67 nH
1 pF
1.5 nH
0.7pF
3.0 nH
100 pF
1 The inductor should have a self-resonant frequency greater than the intended frequency of operation. L1 should be a high Q inductor for optimum
NF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24