| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC05RC17GRS/D Datasheet(PDF) 74 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Datasheet(HTML) 74 Page - NXP Semiconductors |
|
74 / 128 page ![]() Carrier Modulator Transmitter (CMT) General Release Specification MC68HC05RC17 — Rev. 2.0 Carrier Modulator Transmitter (CMT) 9.4.2 Carrier Generator Data Registers The carrier generator contains two, 7-bit data registers: primary high time (CHR1), primary low time (CLR1); and two, 6-bit data registers: secondary high time (CHR2) and secondary low time (CLR2). Bit 7 of CHR1 and CHR2 is used to read and write the IRO latch. CHR1 Address: $0010 Bit 7 654321 Bit 0 Read: IROLN CMTPOL PH5 PH4 PH3 PH2 PH1 PH0 Write: Reset: 0 0 UUUUUU U = Unaffected CLR1 Address: $0011 Bit 7 654321 Bit 0 Read: IROLP 0 PL5 PL4 PL3 PL2 PL1 PL0 Write: Reset: 0 0 UUUUUU U = Unaffected CHR2 Address: $0012 Bit 7 654321 Bit 0 Read: 0 0 SH5 SH4 SH3 SH2 SH1 SH0 Write: Reset: 0 0 UUUUUU U = Unaffected CLR2 Address: $0013 Bit 7 654321 Bit 0 Read: 0 0 SL5 SL4 SL3 SL2 SL1 SL0 Write: Reset: 0 0 UUUUUU U = Unaffected Figure 9-3. Carrier Data Register (CHR1, CLR1, CHR2, and CLR2) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |