Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D87C52-24 Datasheet(PDF) 2 Page - Intel Corporation

No. de pieza D87C52-24
Descripción Electrónicos  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

D87C52-24 Datasheet(HTML) 2 Page - Intel Corporation

  D87C52-24 Datasheet HTML 1Page - Intel Corporation D87C52-24 Datasheet HTML 2Page - Intel Corporation D87C52-24 Datasheet HTML 3Page - Intel Corporation D87C52-24 Datasheet HTML 4Page - Intel Corporation D87C52-24 Datasheet HTML 5Page - Intel Corporation D87C52-24 Datasheet HTML 6Page - Intel Corporation D87C52-24 Datasheet HTML 7Page - Intel Corporation D87C52-24 Datasheet HTML 8Page - Intel Corporation D87C52-24 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
8XC525458
Table 1 Proliferations Options
Standard 1
-1
-2
-24
-33
80C32
X
X
X
X
X
80C52
X
X
X
X
X
87C52
X
X
X
X
X
80C54
X
X
X
X
X
87C54
X
X
X
X
X
80C58
X
X
X
X
X
87C58
X
X
X
X
X
NOTES
1
35 MHz to 12 MHz 5V g20%
-1
35 MHz to 16 MHz 5V g20%
-2
05 MHz to 12 MHz 5V g20%
-24 35 MHz to 24 MHz 5V g20%
-33 35 MHz to 33 MHz 5V g10%
272336 – 1
Figure 1 8XC5X Block Diagram
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com