Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D87C58 Datasheet(PDF) 12 Page - Intel Corporation

No. de pieza D87C58
Descripción Electrónicos  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

D87C58 Datasheet(HTML) 12 Page - Intel Corporation

Back Button D87C58 Datasheet HTML 8Page - Intel Corporation D87C58 Datasheet HTML 9Page - Intel Corporation D87C58 Datasheet HTML 10Page - Intel Corporation D87C58 Datasheet HTML 11Page - Intel Corporation D87C58 Datasheet HTML 12Page - Intel Corporation D87C58 Datasheet HTML 13Page - Intel Corporation D87C58 Datasheet HTML 14Page - Intel Corporation D87C58 Datasheet HTML 15Page - Intel Corporation D87C58 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
8XC525458
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first char-
acter is always a ‘T’ (stands for time) The other
characters depending on their positions stand for
the name of a signal or the logical status of that
signal The following is a list of all the characters and
what they stand for
A Address
C Clock
D Input Data
H Logic level HIGH
I Instruction (program memory contents)
L Logic level LOW or ALE
P PSEN
Q Output Data
R RD signal
T Time
V Valid
W WR signal
X No longer a valid logic level
Z Float
For example
TAVLL e Time from Address Valid to ALE Low
TLLPL e Time from ALE Low to PSEN Low
AC CHARACTERISTICS (Over Operating Conditions Load Capacitance for Port 0 ALEPROG and
PSEN e 100 pF Load Capacitance for All Other Outputs e 80 pF)
EXTERNAL MEMORY CHARACTERISTICS
All parameter values apply to all devices unless otherwise indicated In this table 8XC5X refers to 8XC5X
8XC5X-1 and 8XC5X-2
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min Max Min Max Min Max
Min
Max
1TCLCL Oscillator Frequency
8XC5X
35
12
MHz
8XC5X-1
35
16
MHz
8XC5X-2
05
12
MHz
8XC5X-24
35
24
MHz
8XC5X-33
35
33
MHz
TLHLL
ALE Pulse Width
127
43
21
2 TCLCL b 40
ns
TAVLL
Address Valid to
ALE Low
8XC5X
43
TCLCL b 40
ns
8XC5X-24
12
TCLCL b 30
ns
8XC5X-33
5
TCLCL b 25
ns
TLLAX
Address Hold After
ALE Low
8XC5X-24
53
12
TCLCL b 30
ns
8XC5X-33
5
TCLCL b 25
ns
TLLIV
ALE Low to Valid
Instruction In
8XC5X
234
4 TCLCL b 100
ns
8XC5X-24
91
4 TCLCL b 75
ns
8XC5X-33
56
4 TCLCL b 65
ns
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com