Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P87C52 Datasheet(PDF) 1 Page - Intel Corporation

No. de pieza P87C52
Descripción Electrónicos  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

P87C52 Datasheet(HTML) 1 Page - Intel Corporation

  P87C52 Datasheet HTML 1Page - Intel Corporation P87C52 Datasheet HTML 2Page - Intel Corporation P87C52 Datasheet HTML 3Page - Intel Corporation P87C52 Datasheet HTML 4Page - Intel Corporation P87C52 Datasheet HTML 5Page - Intel Corporation P87C52 Datasheet HTML 6Page - Intel Corporation P87C52 Datasheet HTML 7Page - Intel Corporation P87C52 Datasheet HTML 8Page - Intel Corporation P87C52 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
March 1996
COPYRIGHT
INTEL CORPORATION 1996
Order Number 272336-004
8XC525458
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
CommercialExpress
87C5280C5280C3287C5480C5487C5880C58
See Table 1 for Proliferation Options
Y
High Performance CHMOS EPROM
ROMCPU
Y
122433 MHz Operations
Y
Three 16-Bit TimerCounters
Y
Programmable Clock Out
Y
UpDown TimerCounter
Y
Three Level Program Lock System
Y
8K16K32K On-Chip Program Memory
Y
256 Bytes of On-Chip Data RAM
Y
Improved Quick Pulse Programming
Algorithm
Y
Boolean Processor
Y
32 Programmable IO Lines
Y
6 Interrupt Sources
Y
Programmable Serial Channel with
Framing Error Detection
Automatic Address Recognition
Y
TTL and CMOS Compatible Logic
Levels
Y
64K External Program Memory Space
Y
64K External Data Memory Space
Y
MCS
51 Microcontroller Compatible
Instruction Set
Y
Power Saving Idle and Power Down
Modes
Y
ONCE (On-Circuit Emulation) Mode
Y
Four-Level Interrupt Priority
Y
Extended Temperature Range Except
for 33 MHz Offering (b40 Cto a85 C)
MEMORY ORGANIZATION
ROM
EPROM
ROMless
ROMEPROM
RAM
Device
Version
Version
Bytes
Bytes
80C52
87C52
80C32
8K
256
80C54
87C54
80C32
16K
256
80C58
87C58
80C32
32K
256
These devices can address up to 64 Kbytes of external programdata memory
The Intel 8XC528XC548XC58 is a single-chip control-oriented microcontroller which is fabricated on Intel’s
reliable CHMOS III-E technology Being a member of the MCS 51 family of controllers the 8XC528XC54
8XC58 uses the same powerful instruction set has the same architecture and is pin-for-pin compatible with
the existing MCS 51 family of products The 8XC528XC548XC58 is an enhanced version of the
87C5180C51BH80C31BH The added features make it an even more powerful microcontroller for applica-
tions that require clock output and updown counting capabilities such as motor control It also has a more
versatile serial channel that facilitates multi-processor communications
Throughout this document 8XC5X will refer to the 8XC52 80C32 8XC54 and 8XC58 unless information
applies to a specific device


Número de pieza similar - P87C52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P87C52 PHILIPS-P87C52 Datasheet
380Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
P87C52 PHILIPS-P87C52 Datasheet
186Kb / 26P
80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
P87C524EBAA PHILIPS-P87C524EBAA Datasheet
186Kb / 26P
80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
P87C524EBBB PHILIPS-P87C524EBBB Datasheet
186Kb / 26P
80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
P87C528EBAA PHILIPS-P87C528EBAA Datasheet
186Kb / 26P
80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
More results

Descripción similar - P87C52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51 INTEL-87C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com