| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCE-VT3900S Datasheet(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-VT3900S Datasheet(HTML) 1 Page - PCE Instruments. |
|
1 / 2 page ![]() www.pce-instruments.com Vibration Analyzer PCE-VT 3900 PCE-VT 3900S PCE-VT 3900 Series Vibration analyzer with internal memory / route measurement / FFT mode / software for evaluating the saved data / measurement range up to 399.9 m/s² / PC interface For fast and precise checking of vibrating parts, machines and systems, this vibration meter uses the external vibration sensor to determine the vibration displacement, the vibration velocity and the vibration acceleration. Various measurement parameters are available, such as RMS, peak, peak-peak and crest factor. The vibration meter has a mode that allows a measurement to be automatically evaluated according to the limit values of ISO 10816-3. The vibration meter analyzes the measured values and shows a corresponding good/bad rating on the display. In addition to the normal measuring mode, the vibration analyzer has an FFT mode. In FFT mode, the frequency spectrum for the measured vibration velocity or vibration acceleration is calculated and displayed. The calculated FFT lines are displayed in a graphical representation in an overall view for the entire frequency band and parallel to this in a zoom view to display the individual lines. Another additional function is route measurement. The route measurement function is specially designed for recurring measurements at identical measuring spots. This enables an organized measurement of different measuring spots. Because of its extensive measuring functions, the vibration analyzer is therefore used for maintenance and repair work on machines. for mobile vibration measurement FFT analysis route measurement automatic ISO 10816-3 evaluation automatic firmware update |
Número de pieza similar - PCE-VT3900S |
|
Descripción similar - PCE-VT3900S |