| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PDTC115TU Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PDTC115TU Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 11 page ![]() 1. Product profile 1.1 General description NPN resistor-equipped transistors. [1] Also available in SOT54A and SOT54 variant packages (see Section 2). 1.2 Features 1.3 Applications 1.4 Quick reference data PDTC115T series NPN resistor-equipped transistors; R1 = 100 k Ω, R2 = open Rev. 04 — 17 February 2005 Product data sheet Table 1: Product overview Type number Package PNP complement Philips JEITA PDTC115TE SOT416 SC-75 PDTA115TE PDTC115TK SOT346 SC-59A PDTA115TK PDTC115TM SOT883 SC-101 PDTA115TM PDTC115TS [1] SOT54 (TO-92) SC-43A PDTA115TS PDTC115TT SOT23 - PDTA115TT PDTC115TU SOT323 SC-70 PDTA115TU s Built-in bias resistor s Reduces component count s Simplifies circuit design s Reduces pick and place costs s General-purpose switching and amplification s Circuit drivers s Inverter and interface circuits Table 2: Quick reference data Symbol Parameter Conditions Min Typ Max Unit VCEO collector-emitter voltage open base - - 50 V IO output current (DC) - - 100 mA R1 bias resistor 1 (input) 70 100 130 k Ω |