Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P80C54X2BA Datasheet(PDF) 51 Page - NXP Semiconductors

No. de pieza P80C54X2BA
Descripción Electrónicos  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C54X2BA Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P80C54X2BA Datasheet HTML 47Page - NXP Semiconductors P80C54X2BA Datasheet HTML 48Page - NXP Semiconductors P80C54X2BA Datasheet HTML 49Page - NXP Semiconductors P80C54X2BA Datasheet HTML 50Page - NXP Semiconductors P80C54X2BA Datasheet HTML 51Page - NXP Semiconductors P80C54X2BA Datasheet HTML 52Page - NXP Semiconductors P80C54X2BA Datasheet HTML 53Page - NXP Semiconductors P80C54X2BA Datasheet HTML 54Page - NXP Semiconductors P80C54X2BA Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
51
A0–A7
1
1
1
4–6MHz
+5V
PGM DATA
+12.75V
5 PULSES TO GROUND
0
1
0
A8–A12
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0–P2.5
OTP
SU01488
Figure 40. Programming Configuration
ALE/PROG:
ALE/PROG:
1
0
1
0
5 PULSES
tGLGH = 100µs±10µs
tGHGL = 10µs MIN
SU00875
12
34
5
SEE EXPLODED VIEW BELOW
1
Figure 41. PROG Waveform
A0–A7
1
1
1
+5V
PGM DATA
1
1
0
0 ENABLE
0
A8–A12
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0–P2.5
OTP
SU01489
4–6MHz
Figure 42. Program Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com