| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P80C31X2BA Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P80C31X2BA Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 62 page ![]() Philips Semiconductors Product data P80C3xX2; P80C5xX2; P87C5xX2 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 2003 Jan 24 19 TR2 Control TL2 (8 bits) TH2 (8 bits) TF2 RCAP2L RCAP2H EXEN2 Control EXF2 Timer 2 Interrupt T2EX Pin Transition Detector Capture SU01622 C/T2 = 0 C/T2 = 1 *n = 6 in 6-clock mode; n = 12 in 12-clock mode. OSC ÷ n* T2 Pin Figure 7. Timer 2 in Capture Mode Not Bit Addressable Symbol Position Function — Not implemented, reserved for future use.* T2OE T2MOD.1 Timer 2 Output Enable bit. DCEN T2MOD.0 Down Count Enable bit. When set, this allows Timer 2 to be configured as an up/down counter. — — — — — — T2OE DCEN SU01519 76 54 32 1 0 * User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate. T2MOD Address = 0C9H Reset Value = XXXX XX00B Figure 8. Timer 2 Mode (T2MOD) Control Register |