| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4585BMS Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CD4585BMS Datasheet(HTML) 6 Page - Renesas Technology Corp |
|
6 / 8 page ![]() CD4585BMS Rev X.00 Page 6 of 8 Jan 13, 2017 CD4585BMS Logic Diagram FIGURE 1. LOGIC DIAGRAM TRUTH TABLE INPUTS OUTPUTS COMPARING CASCADING A3, B3 A2, B2 A1, B1 A0, B0 A < B A = B A > B A < B A = B A > B A3 > B3 X X X X X 1001 A3 = B3 A2 > B2 X X X X 1001 A3 = B3 A2 = B2 A1 > B1 X X X 1001 A3 = B3 A2 = B2 A1 = B1 A0 > B0 X X 1001 A3 = B3 A2 = B2 A1 = B1 A0 = B0 001001 A3 = B3 A2 = B2 A1 = B1 A0 = B0 0 1 X 0 1 0 A3 = B3 A2 = B2 A1 = B1 A0 = B0 1 0 X 1 0 0 A3 = B3 A2 = B2 A1 = B1 A0 < B0 X X X 1 0 0 A3 = B3 A2 = B2 A1 < B1 XXXX 1 0 0 A3 = B3 A2 < B2 X XXXX 1 0 0 A3 < B3 X X XXXX 1 0 0 X = Don’t Care Logic 1 = High Level Logic 0 = Low Level 12 (A < B)OUT (A = B)OUT (A > B)OUT 3 13 15 14 2 1 7 9 10 11 5 6 4 (A > B)IN (A = B)IN (A < B)IN B0 A0 B1 A1 B2 A2 B3 A3 * * * * * * * * * * * VDD VSS * INPUTS PROTECTED BY CMOS PROTECTION NETWORK |