Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD40193BMS Datasheet(PDF) 10 Page - Renesas Technology Corp

No. de pieza CD40193BMS
Descripción Electrónicos  CMOS Presettable Up/Down Counters(Dual Clock With Reset)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD40193BMS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button CD40193BMS Datasheet HTML 4Page - Renesas Technology Corp CD40193BMS Datasheet HTML 5Page - Renesas Technology Corp CD40193BMS Datasheet HTML 6Page - Renesas Technology Corp CD40193BMS Datasheet HTML 7Page - Renesas Technology Corp CD40193BMS Datasheet HTML 8Page - Renesas Technology Corp CD40193BMS Datasheet HTML 9Page - Renesas Technology Corp CD40193BMS Datasheet HTML 10Page - Renesas Technology Corp CD40193BMS Datasheet HTML 11Page - Renesas Technology Corp CD40193BMS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CD40192BMS, CD40193BMS
FN3363 Rev 0.00
Page 10 of 12
December 1992
FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 8. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 9. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
FIGURE 10. DYNAMIC POWER DISSIPATION
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
040
60
80
100
20
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
350
300
250
400
10
30
50
70
90
8
6
4
28
6
4
22
INPUT FREQUENCY (fIN) (kHz)
110
102
103
104
8
6
4
28
6
4
26
4
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
AMBIENT TEMPERATURE (TA) = +25oC
CL = 15pF
CL = 50pF
8
105
106
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com