Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISO808A Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza ISO808A
Descripción Electrónicos  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 15Page - STMicroelectronics ISO808A Datasheet HTML 16Page - STMicroelectronics ISO808A Datasheet HTML 17Page - STMicroelectronics ISO808A Datasheet HTML 18Page - STMicroelectronics ISO808A Datasheet HTML 19Page - STMicroelectronics ISO808A Datasheet HTML 20Page - STMicroelectronics ISO808A Datasheet HTML 21Page - STMicroelectronics ISO808A Datasheet HTML 22Page - STMicroelectronics ISO808A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
When SS is low, the communication between the two stages is disabled. In this case, the thermal status of the
device cannot be updated, and the FAULT indication could be different to the actual status. In any case, the
thermal protections of the channel outputs in the Process Stage are always operative.
Figure 13. Thermal status update
ISO808A, ISO808A-1
Truth table
DS14170 - Rev 1
page 19/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38