Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FS32R264KBK0MMM Datasheet(PDF) 39 Page - NXP Semiconductors

No. de pieza FS32R264KBK0MMM
Descripción Electrónicos  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R264KBK0MMM Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FS32R264KBK0MMM Datasheet HTML 35Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 36Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 37Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 38Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 39Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 40Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 41Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 42Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
8.4 Data retention vs program/erase cycles
Graphically, Data Retention versus Program/Erase Cycles can be represented by the
following figure. The spec window represents qualified limits. The extrapolated dotted
line demonstrates technology capability, however is beyond the qualification limits.
8.5 Flash memory AC timing specifications
Table 31. Flash memory AC timing specifications
Symbol
Characteristic
Min
Typical
Max
Units
tpsus
Time from setting the MCR-PSUS bit until MCR-DONE bit is set
to a 1.
—
9.4
plus four
system
clock
periods
11.5
plus four
system
clock
periods
μs
tesus
Time from setting the MCR-ESUS bit until MCR-DONE bit is set
to a 1.
—
16
plus four
system
clock
periods
20.8
plus four
system
clock
periods
μs
Table continues on the next page...
Memory modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78