Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FS32R274VCK2VMM Datasheet(PDF) 63 Page - NXP Semiconductors

No. de pieza FS32R274VCK2VMM
Descripción Electrónicos  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 59Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 60Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 61Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Table 47. Nexus Aurora debug port timing (continued)
#
Symbol
Characteristic
Min
Max
Unit
9
SO
Differential output skew
—
20
ps
10
SMO
Lane to lane output skew
—
1000
ps
11
OUI
Aurora lane Unit Interval
800
800
ps
Tx Data [m]
Zero Crossover
CLOCKREF -
CLOCKREF +
2
Zero Crossover
2
1
Tx Data
-
Tx Data
+
Ideal Zero Crossover
Tx Data [n]
Zero Crossover
Tx Data [n+1]
Zero Crossover
9
9
8
8
8
Figure 36. Nexus Aurora timings
11 WKUP/NMI timing specifications
Table 48. WKUP/NMI glitch filter
Symbol
Parameter
Min
Typ
Max
Unit
WFNMI
NMI pulse width that is rejected
—
—
20
ns
WNFNMI
NMI pulse width that is passed
400
—
—
ns
WKUP/NMI timing specifications
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78