Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FS32R274VCK2MMM Datasheet(PDF) 60 Page - NXP Semiconductors

No. de pieza FS32R274VCK2MMM
Descripción Electrónicos  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 56Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 57Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 58Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 59Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 60Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 61Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Table 46. JTAG/CJTAG pin AC electrical characteristics 1 (continued)
#
Symbol
Characteristic
Min
Max
Unit
15
tBSDHT
TCK Rising Edge to Boundary Scan Input Invalid
15
—
ns
1. These specifications apply to JTAG boundary scan only.
2. This timing applies to TDI, TDO, TMS pins, however, actual frequency is limited by pad type for EXTEST instructions.
Refer to pad specification for allowed transition frequency.
3. TMS timing is applicable only in CJTAG mode
4. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
5. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay.
TCK
1
2
2
3
3
Figure 32. JTAG test clock input timing
Debug modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
60
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78