Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM4T28CAY Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza SM4T28CAY
Descripción Electrónicos  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T28CAY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SM4T28CAY Datasheet HTML 5Page - STMicroelectronics SM4T28CAY Datasheet HTML 6Page - STMicroelectronics SM4T28CAY Datasheet HTML 7Page - STMicroelectronics SM4T28CAY Datasheet HTML 8Page - STMicroelectronics SM4T28CAY Datasheet HTML 9Page - STMicroelectronics SM4T28CAY Datasheet HTML 10Page - STMicroelectronics SM4T28CAY Datasheet HTML 11Page - STMicroelectronics SM4T28CAY Datasheet HTML 12Page - STMicroelectronics SM4T28CAY Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Figure 24. Tape outline
Table 4. Tape dimension values
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
D0
1.40
1.50
1.60
D1
1.50
F
5.40
5.50
5.60
K0
2.26
2.36
2.46
P0
3.90
4.00
4.10
P1
3.90
4.00
4.10
P2
1.95
2.00
2.05
W
11.70
12.00
12.30
SM4TxxAY, SM4TxxCAY
SMA package information
DS6927 - Rev 5
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14