Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VNF1048FTR Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza VNF1048FTR
Descripción Electrónicos  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 9Page - STMicroelectronics VNF1048FTR Datasheet HTML 10Page - STMicroelectronics VNF1048FTR Datasheet HTML 11Page - STMicroelectronics VNF1048FTR Datasheet HTML 12Page - STMicroelectronics VNF1048FTR Datasheet HTML 13Page - STMicroelectronics VNF1048FTR Datasheet HTML 14Page - STMicroelectronics VNF1048FTR Datasheet HTML 15Page - STMicroelectronics VNF1048FTR Datasheet HTML 16Page - STMicroelectronics VNF1048FTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
10.4
VNTC_THRS_6
External FET thermal
shutdown NTC input
voltage thresholds
mV
56.64
VNTC_THRS_7
50.95
VNTC_THRS_8
45.92
VNTC_THRS_9
41.46
VNTC_THRS_10
37.50
VNTC_THRS_11
37.50
VNTC_THRS_12
37.50
VNTC_THRS_13
37.50
VNTC_THRS_14
37.50
VNTC_THRS_15
37.50
10.5 VNTC_DEGLITCH
External FET thermal
shutdown deglitch time
10
500
µs
10.6 VNTC_ADC_CONV
External FET thermal
shutdown ADC full range
resolution
VNTC_ADC[9:0] =
MIN(((VSENSE_N
- VNTC)/1.2 *
1024), 1023)
0
1023
10.7 VNTC_ADC_RATE
External FET thermal
shutdown ADC sample
rate
4.9
kSample/s
Note:
•
VNTC = VBG * RNTC / (RT_REF + RNTC)
•
RNTC = B57232V5103F360 (10 kΩ @ 25 °C)
•
RT-REF = 10 kΩ +/- 1 %
Figure 3. NTC bridge
RNTC
RT_REF
VBG
R
R
BIAS
+
-
VNTC
To ADC
VNTC
ISNS_N
NTC
NTC_M
GND
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 13/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52