Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32C011D4U3 Datasheet(PDF) 89 Page - STMicroelectronics

No. de pieza STM32C011D4U3
Descripción Electrónicos  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4U3 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32C011D4U3 Datasheet HTML 85Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 86Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 87Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 88Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 89Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 90Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 91Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 92Page - STMicroelectronics STM32C011D4U3 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
DS13866 Rev 3
89/94
STM32C011x4/x6
Package information
90
Figure 37. UFQFPN20 – Footprint example
1. Dimensions are expressed in millimeters.
Table 68. UFQFPN20 – Mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
-
0.152
-
-
0.060
-
D
2.900
3.000
3.100
0.1142
0.1181
0.1220
D1
-
2.000
-
-
0.0790
-
E
2.900
3.000
3.100
0.1142
0.1181
0.1220
E1
-
2.000
-
-
0.0790
-
L1
0.500
0.550
0.600
0.0197
0.0217
0.0236
L2
0.300
0.350
0.400
0.0118
0.0138
0.0157
L3
-
0.200
-
-
0.0079
-
L5
-
0.150
-
-
0.0059
-
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
e
-
0.500
-
-
0.0197
-
ddd
-
-
0.050
-
-
0.0020
A0A5_FP_V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94