Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z0409MH Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza Z0409MH
Descripción Electrónicos  4 A - Triac in IPAK package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0409MH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button Z0409MH Datasheet HTML 2Page - STMicroelectronics Z0409MH Datasheet HTML 3Page - STMicroelectronics Z0409MH Datasheet HTML 4Page - STMicroelectronics Z0409MH Datasheet HTML 5Page - STMicroelectronics Z0409MH Datasheet HTML 6Page - STMicroelectronics Z0409MH Datasheet HTML 7Page - STMicroelectronics Z0409MH Datasheet HTML 8Page - STMicroelectronics Z0409MH Datasheet HTML 9Page - STMicroelectronics Z0409MH Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3
Ordering information
Figure 13. Ordering information scheme
Table 6. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
Z0409MH
Z0409MH
IPAK
0.31 g
75
Tube
Z0409MH
Ordering information
DS14062 - Rev 1
page 8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com