Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB514IYPT Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza TSB514IYPT
Descripción Electrónicos  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IYPT Datasheet(HTML) 5 Page - STMicroelectronics

  TSB514IYPT Datasheet HTML 1Page - STMicroelectronics TSB514IYPT Datasheet HTML 2Page - STMicroelectronics TSB514IYPT Datasheet HTML 3Page - STMicroelectronics TSB514IYPT Datasheet HTML 4Page - STMicroelectronics TSB514IYPT Datasheet HTML 5Page - STMicroelectronics TSB514IYPT Datasheet HTML 6Page - STMicroelectronics TSB514IYPT Datasheet HTML 7Page - STMicroelectronics TSB514IYPT Datasheet HTML 8Page - STMicroelectronics TSB514IYPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3
Electrical characteristics
Table 6. Electrical characteristics at VCC+ = 5 V, VCC- = 0 V, VICM = VOUT = VCC/2, T = 25 °C and RL
connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
VIO
Input offset voltage
VCC- ≤ VICM ≤ VCC+
mV
T = 25 °C
±1.5
Tmin < T < Tmax
±2
|∆ VIO/∆T| Input offset voltage drift
Tmin < T < Tmax
2
µV/°C
IIB
Input bias current (1)
VICM = VCC/2
nA
T = 25 °C
-100
0
Tmin < T < Tmax
-200
0
IIO
Input offset current (2)
VICM = VCC/2
10
AVD
Open loop gain
(VCC-) + 0.5 V ≤ VOUT ≤ (VCC+) - 0.5 V, RL ≥ 10 kΩ
dB
T = 25 °C
105
120
Tmin < T < Tmax
100
CMR
Common mode rejection
ratio: 20 log (ΔVicm/ΔVio)
VCC- ≤ VICM ≤ VCC+
dB
T = 25 °C
75
105
Tmin < T < Tmax
70
VOH
High level output voltage
(drop voltage from VCC+)
No load, Tmin < T < Tmax
90
mV
Isource = 2 mA, Tmin < T < Tmax
200
VOL
Low-level output voltage
No load, Tmin < T < Tmax
90
Isink = 2 mA, Tmin < T < Tmax
200
IOUT
Isink
VOUT = VCC
mA
T = 25 °C
20
50
Tmin < T < Tmax
15
Isource
VOUT = 0 V
T = 25 °C
20
50
Tmin < T < Tmax
15
ICC
Supply current (per channel)
No load, T = 25 °C
1.4
mA
Tmin < T < Tmax
2.3
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
4.5
6
MHz
SR
Slew rate
3 V step, RL = 10 kΩ, CL = 100 pF,
AV = 1 V/V, 10% to 90%
2
2.7
V/µs
THD+N
Total harmonic distortion +
noise
VIN = 1 Vrms, AV = +1, f = 1 kHz, BW = 22 kHz
%
RL = 10 kΩ
0.0003
RL = 1 kΩ
0.0004
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF,
Unity gain
34
°
TSB511, TSB512, TSB514
Electrical characteristics
DS13885 - Rev 1
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com