Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 147 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 143Page - STMicroelectronics STM32U595QJ Datasheet HTML 144Page - STMicroelectronics STM32U595QJ Datasheet HTML 145Page - STMicroelectronics STM32U595QJ Datasheet HTML 146Page - STMicroelectronics STM32U595QJ Datasheet HTML 147Page - STMicroelectronics STM32U595QJ Datasheet HTML 148Page - STMicroelectronics STM32U595QJ Datasheet HTML 149Page - STMicroelectronics STM32U595QJ Datasheet HTML 150Page - STMicroelectronics STM32U595QJ Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 377 page
background image
-
96
A4
139
B10
F8
D5
C20
C5
62
96
A4
140
D5
PB9
I/O
FT_f
-
IR_OUT, TIM4_CH4,
SAI1_D2, I2C1_SDA,
SPI2_NSS,
SDMMC1_CDIR,
FDCAN1_TX(boot),
DCMI_D7/PSSI_D7,
SDMMC2_D5,
SDMMC1_D5,
SAI1_FS_A,
TIM17_CH1,
EVENTOUT
-
-
97
C4
140
M10
H8
D4
A20
A2
-
97
C4
141
D4
PE0
I/O
FT_h
-
TIM4_ETR,
USART6_RX,
LCD_HSYNC,
DCMI_D2/PSSI_D2,
LPGPIO1_P13,
FMC_NBL0,
TIM16_CH1,
EVENTOUT
-
-
-
A3
141
K10
E9
C4
B21
B3
-
98
A3
142
C4
PE1
I/O
FT_h
-
USART6_TX,
LCD_VSYNC,
DCMI_D3/PSSI_D3,
FMC_NBL1,
TIM17_CH1,
EVENTOUT
-
-
-
-
-
-
-
--
--
---
A4
VCAP
S
-
-
-
-
62
98
B4
142
A11
B10
A4
A22
E6
-
-
-
-
-
VDD11
S
-
-
-
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions