Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 145 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 141Page - STMicroelectronics STM32U595QJ Datasheet HTML 142Page - STMicroelectronics STM32U595QJ Datasheet HTML 143Page - STMicroelectronics STM32U595QJ Datasheet HTML 144Page - STMicroelectronics STM32U595QJ Datasheet HTML 145Page - STMicroelectronics STM32U595QJ Datasheet HTML 146Page - STMicroelectronics STM32U595QJ Datasheet HTML 147Page - STMicroelectronics STM32U595QJ Datasheet HTML 148Page - STMicroelectronics STM32U595QJ Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 377 page
background image
57
91
D6
134
A9
A9
C6
C18
B5
57
91
D6
135
C6
PB5
I/O FT_havc
-
LPTIM1_IN1,
TIM3_CH2,
OCTOSPIM_P1_NCLK
, I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI(boot),
USART1_CK,
UART5_CTS,
TSC_G2_IO2,
DCMI_D10/PSSI_D10,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
UCPD1_
DBCC1,
WKUP6
58
92
A5
135
E9
D8
B5
A18
A4
58
92
A5
136
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR,
TIM4_CH1,
TIM8_BKIN2,
I2C1_SCL(boot),
I2C4_SCL,
MDF1_SDI5,
USART1_TX,
TSC_G2_IO3,
DCMI_D5/PSSI_D5,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_
INP2,
WKUP3
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions