| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPM066S Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM066S Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 67 page ![]() 2 Pins description Figure 3. Pin out (top view) 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 12 9 10 11 REF VBAT1 NC NC NC NC NC NC DGND NC NC NC SYNCOUT SYNCIN BST VBAT2 PH_BUCK PGND_BUCK VRBUCK_S COMP VRBOOST_S PGND_BOOST PH_BOOST WKUP GADG0802191900PS Table 1. Pin description and functions No. Pin name Pin type Description 1 REF O Accurate reference voltage output 2 VBAT1 S Battery voltage for inner reference 3 N.C. - - 4 N.C. - - 5 N.C. - - 6 N.C. - - 7 N.C. - - 8 N.C. - - 9 DGND G Digital GND 10 N.C. - - 11 N.C. - - 12 N.C. - - 13 N.C. - - 14 Debug I Device debug. Connect to ground when not used 15 N.C. - - STPM066S Pins description DS12976 - Rev 2 page 4/67 |