Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZL40221 Datasheet(PDF) 10 Page - Microsemi Corporation

No. de pieza ZL40221
Descripción Electrónicos  Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40221 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button ZL40221 Datasheet HTML 6Page - Microsemi Corporation ZL40221 Datasheet HTML 7Page - Microsemi Corporation ZL40221 Datasheet HTML 8Page - Microsemi Corporation ZL40221 Datasheet HTML 9Page - Microsemi Corporation ZL40221 Datasheet HTML 10Page - Microsemi Corporation ZL40221 Datasheet HTML 11Page - Microsemi Corporation ZL40221 Datasheet HTML 12Page - Microsemi Corporation ZL40221 Datasheet HTML 13Page - Microsemi Corporation ZL40221 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LVDS
Driver
VDD_driver
VDD
Zo = 50 Ohms
Zo = 50 Ohms
clk_p
clk_n
Vt
Ctrl
“1”
NC
R
For VDD_driver = 3.3 V: R= 900 Ohms
For VDD_driver = 2.5 V: R = 680 Ohms
Note: This R is only needed to provide a DC 
path for the LVDS driver. See driver data 
sheet for more information.
CML
Driver
VDD_driver
VDD
Zo = 50 Ohms
Zo = 50 Ohms
clk_p
clk_n
Vt
Ctrl
“1”
R= 50 Ohms
NC
R
R
ZL40221
Data Sheet
10
Microsemi Corporation
Figure 8 -
Clock Input - LVDS - AC Coupled
Figure 9 -
Clock Input - CML- AC Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com