| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC374A Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC374A Datasheet(HTML) 4 Page - NXP Semiconductors |
|
4 / 12 page ![]() Philips Semiconductors Product specification 74LVC374A Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger (3-State) 1998 Jul 29 4 LOGIC DIAGRAM Q D D0 Q0 D D1 D D2 D D3 D D4 D D5 D D6 D D7 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CP OE QQ Q Q Q Q Q SA00393 CP CP CP CP CP CP CP CP FF1 FF2 FF3 FF4 FF5 FF6 FF7 FF8 FUNCTION TABLE OPERATING MODES INPUTS INTERNAL FLIP-FLOPS OUTPUTS OPERATING MODES OE LE Dn INTERNAL FLIP-FLOPS Q0 to Q7 Load and read register L L ° ° l h L H L H Load register and disable outputs H H ° ° l h L H Z Z H = HIGH voltage level h = HIGH voltage level one setup time prior to the LOW-to-HIGH CP transition L = LOW voltage level l = LOW voltage level one setup time prior to the LOW-to-HIGH CP transition Z = High impedance OFF-state ° = LOW-to-HIGH clock transition |